Part Number Hot Search : 
58000 UM82C206 TL494CD 200A0 TIP41 A5800742 IL78L12 563U063D
Product Description
Full Text Search
 

To Download 144925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 5 x 18 = 90 58 4 x 58 = 232 additional indications according to drawing 204628 ident.-nr. thread depth max. 5,5 mm max. einschraubtiefe 5,5 mm thread depth max. 3,7 mm sonstige angaben siehe zeichnung 204628 / part-no. max. einschraubtiefe 3,7 mm ohne without mutter thread bolzen bolt bemerkung remark 194428 x 194429 #4-40 194430 m3 194431 #4-40 194432 m3 prior notice. contact one of the erni companies date 12.07.2012 a index tmcs tmc-s 25-tl-5,3-6,3-type 8 tmc-s 25-tl-5,3-6,3-ba8 144925 2:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. +0,2 -0,4 -0,2 8 12,6 0,3 0,1 47 53 38,5 -0,2 tray packaging packaging unit 30 pcs verpackt in tray verpackungseinheit 30 st. pin 1 max. 325 max. 138 pcb leiterplatte 5,3 6,3 3,2 -0,25 6,3 0,6 a la y o u t: 0,05 a layoutvorschlag : recommended (25x) 0,05 b pin 1 0,05 b 1,38 33,12 12 x 2,76 = 1 0,1 2,76 0,1 3,2 2,84 2,76 11 x 2,76 = 30,36 47 0,05 m 1:1 anschlussbereich verzinnt terminal area tin plating anforderungsstufe: 2 class: 2 bolzen / bolt / thread m3 / #4-40 gewinde 3,7 6,4 mutter / nut / thread m3 / #4-40 gewinde missing information and dimens ions according to din 41652 additional indications according to the production documentation fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen / ohne / without


▲Up To Search▲   

 
Price & Availability of 144925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X